Part Number Hot Search : 
GT801 16NO7 A1003 R1EX240 BU2506 D2560 400000 NJM23
Product Description
Full Text Search
 

To Download 74095-0050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0740950050 Active
2.54mm (.100") Pitch SLTM Header, Single Row, Vertical, Shrouded, 20 Circuits, 0.38m (15") Gold (Au) Selective Plating over Tin (Sn) Plating
Documents: Drawing (PDF) Product Specification PS-70400 (PDF)
Product Specification PS-74095-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Headers 74095 Wire-to-Board SLTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 20 20 Black 25 No 94V-0 No No None Yes Copper Alloy Gold Tin High Temperature Thermoplastic 1 Vertical 0.174 In 4.41 mm No None 0.093 In 2.36 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 15 0.38 Yes No Fully No No -40C to +105C
Search Parts in this Series 74095Series
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-70400, PS-74095-001 SD-74095-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74095-0050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X